Part Number Hot Search : 
CEM2407 TSOP382 DCH2812D 01201 2005B 0HSR3 0000A P6KE30
Product Description
Full Text Search
 

To Download HIN208A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIN202A thru HIN241A
TM
Data Sheet
May 2000
File Number
4316.4
High Speed +5V Powered RS-232 Transmitters/Receivers
The HIN202A-HIN241A family of high-speed RS-232 transmitters/receivers interface circuits meet all ElA highspeed RS-232E and V.28 specifications, and are particularly suited for those applications where 12V is not available. They require a single +5V power supply and feature onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The HIN205A and HIN235A require no external capacitors and are ideally suited for applications where circuit board space is critical. The family of devices offers a wide variety of high-speed RS232 transmitter/receiver combinations to accommodate various applications (see Selection Table). The HIN205A, HIN206A, HIN211A, HIN213A, HIN235A, HIN236A, and HIN241A feature a low power shutdown mode to conserve energy in battery powered applications. In addition, the HIN213A provides two active receivers in shutdown mode allowing for easy "wakeup" capability. The drivers feature true TTL/CMOS input compatibility, slew rate-limited output, and 300 power-off source impedance. The receivers can handle up to 30V input, and have a 3k to 7k input impedance. The receivers also feature hysteresis to greatly improve noise rejection.
Features
* Meets All RS-232E and V.28 Specifications * Requires Only 0.1F or Greater External Capacitors (HIN205A, HIN235A and Require No External Capacitors) * High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 230kbit/s * Two Receivers Active in Shutdown Mode (HIN213A) * Requires Only Single +5V Power Supply * Onboard Voltage Doubler/Inverter * Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA * Low Power Shutdown Function (Typ) . . . . . . . . . . . . 1A * Three-State TTL/CMOS Receiver Outputs * Multiple Drivers - 10V Output Swing for +5V lnput - 300 Power-Off Source Impedance - Output Current Limiting - TTL/CMOS Compatible * Multiple Receivers - 30V Input Voltage Range - 3k to 7k Input Impedance - 0.5V Hysteresis to Improve Noise Rejection
Applications
* Any System Requiring High-Speed RS-232 Communication Ports - Computer - Portable, Mainframe, Laptop - Peripheral - Printers and Terminals - Instrumentation, UPS - Modems
Selection Table
PART POWER SUPPLY NUMBER VOLTAGE HIN202A HIN205A HIN206A HIN207A HIN208A HIN211A HIN213A HIN232A HIN235A HIN236A HIN237A HIN238A HIN241A +5V +5V +5V +5V +5V +5V +5V +5V +5V +5V +5V +5V +5V NUMBER OF RS-232 DRIVERS 2 5 4 5 4 4 4 2 5 4 5 4 4 NUMBER OF RS-232 RECEIVERS 2 5 3 3 4 5 5 2 5 3 3 4 5 NUMBER OF 0.1F EXTERNAL CAPACITORS 4 Capacitors None 4 Capacitors 4 Capacitors 4 Capacitors 4 Capacitors 4 Capacitors 4 Capacitors None 4 Capacitors 4 Capacitors 4 Capacitors 4 Capacitors LOW POWER SHUTDOWN/TTL THREESTATE No/No Yes/Yes Yes/Yes No/No No/N Yes/Yes Yes/Yes No/No Yes/Yes Yes/Yes No/No No/No Yes/Yes NUMBER OF RECEIVERS ACTIVE IN SHUTDOWN 0 0 0 0 0 0 2 0 0 0 0 0 0
3-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
HIN202A thru HIN241A Ordering Information
PART NO. HIN202ACA-T HIN202ACB HIN202ACB-T HIN202ACBN HIN202ACBN-T HIN202ACP HIN205ACP HIN206ACA HIN206ACA-T HIN206ACB HIN206ACB-T HIN206ACP HIN207ACA HIN207ACA-T HIN207ACB HIN207ACB-T HIN207ACP HIN208ACA HIN208ACA-T HIN208ACB HIN208ACB-T HIN208ACP HIN211ACA HIN211ACA-T HIN211ACB TEMP. RANGE (oC) 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 PACKAGE Tape and Reel 16 Ld SOIC Tape and Reel 16 Ld SOIC Tape and Reel 16 Ld PDIP 24 Ld PDIP 24 Ld SSOP Tape and Reel 24 Ld SOIC (W) Tape and Reel 24 Ld PDIP 24 Ld SSOP Tape and Reel 24 Ld SOIC Tape and Reel 24 Ld PDIP 24 Ld SSOP Tape and Reel 24 Ld SOIC Tape and Reel 24 Ld PDIP 28 Ld SSOP Tape and Reel 28 Ld SOIC M28.3 E24.3 M28.209 M24.3 E24.3 M24.209 M24.3 E24.3 M24.209 M24.3 E16.3 E24.6 M24.209 M16.15 M16.3 PKG. NO. PART NO. HIN211ACB-T HIN213ACA HIN213ACA-T HIN213ACB HIN213ACB-T HIN232ACA HIN232ACA-T HIN232ACB HIN232ACB-T HIN232ACBN HIN232ACBN-T HIN232ACP HIN235ACP HIN236ACA HIN236ACB HIN236ACB-T HIN236ACP HIN237ACA HIN237ACB HIN237ACP HIN238ACA HIN238ACB HIN238ACP HIN241ACA HIN241ACB TEMP. RANGE (oC) 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 PACKAGE Tape and Reel 24 Ld SSOP Tape and Reel 28 Ld SOIC Tape and Reel 16 Ld SSOP Tape and Reel 16 Ld SOIC Tape and Reel 16 Ld SOIC (N) Tape and Reel 16 Ld PDIP 24 Ld PDIP 24 Ld SSOP 24 Ld SOIC (W) Tape and Reel 24 Ld PDIP 24 Ld SSOP 24 Ld SOIC 24 Ld PDIP 24 Ld SSOP 24 Ld SOIC 24 Ld PDIP 28 Ld SSOP 28 Ld SOIC E24.3 M24.209 M24.3 E24.3 M24.209 M24.3 E24.3 M28.209 M28.3 E16.3 E24.6 M24.209 M24.3 M16.15 M16.3 M16.209 M28.3 M28.209 PKG. NO.
3-2
HIN202A thru HIN241A Pinouts
HIN202A (PDIP, SOIC) TOP VIEW
C1+ 1 V+ 2 C1- 3 C2+ 4 C2- 5 V6 16 VCC 15 GND 14 T1OUT 13 R1IN 12 R1OUT 11 T1IN 10 T2IN 9 R2OUT T4OUT 1 T3OUT 2 T1OUT 3 T2OUT 4 R2IN 5 R2OUT 6 T2IN 7 T1IN 8 R1OUT 9 R1IN 10 GND 11 VCC 12
HIN205A (PDIP) TOP VIEW
24 R3IN 23 R3OUT 22 T5IN 21 SD 20 EN 19 T5OUT 18 R4IN 17 R4OUT 16 T4IN 15 T3IN 14 R5OUT 13 R5IN
T2OUT 7 R2IN 8
+5V
+5V 12 VCC +5V T1IN 2 + 0.1F T2IN T3IN + 0.1F T4IN T5IN R1OUT 7 13 R1IN T2OUT R2OUT 6 R2 23 R3OUT 8 R2IN 17 R4OUT R4 15 R5OUT 20 EN GND 11 R5 5k 21 SD 14 5k 13 R5IN R3 5k 18 5k 24 R3IN 7 8 400k +5V 400k +5V 400k +5V 400k +5V 400k T1 3 + 0.1F
16
1 0.1F + 3 4 0.1F + 5
VCC C1+ C1C2+ C2+5V TO 10V VOLTAGE INVERTER V+
T1OUT
T2 4 T3 T4 1 T5 19 10 R1 5k 5 R2IN T5OUT R1IN T4OUT T2OUT T3OUT
15 16
2
+10V TO -10V VOLTAGE INVERTER
V- 6
T1IN
11
+5V 400k
T1
14
T1OUT
22 9
T2IN
10 12
+5V 400k
T2
R1OUT R1 9 R2 GND 5k 5k
R2OUT
R4IN
3-3
HIN202A thru HIN241A Pinouts
(Continued) HIN206A (PDIP, SOIC, SSOP) TOP VIEW
1 2 3 4 5 6 7 8 9 24 T4OUT 23 R2IN 22 R2OUT 21 SD 20 EN 19 T4IN 18 T3IN 17 R3OUT 16 R3IN 15 V14 C213 C2+
HIN207A (PDIP, SOIC, SSOP) TOP VIEW
T3OUT 1 T1OUT 2 T2OUT 3 R1IN 4 R1OUT 5 T2IN 6 T1IN 7 GND 8 VCC 9 C1+ 10 V+ 11 C1- 12 24 T4OUT 23 R2IN 22 R2OUT 21 T5IN 20 T5OUT 19 T4IN 18 T3IN 17 R3OUT 16 R3IN 15 V14 C213 C2+
T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC
C1+ 10 V+ 11 C1- 12
+5V +5V 9 0.1F 10 C1+ + 12 C113 C2+ + 14 C2VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F 0.1F 10 C1+ + 12 C113 C2+ + 14 C29 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F
0.1F V- 15 + 2 0.1F T1IN T1OUT T2IN T2OUT T3IN T3OUT T4IN T4OUT R1IN R1 5k 23 R2IN R2 5k 16 R3IN R3 5k 21 SD GND 8 T5IN R1OUT
V- 15 + 2 0.1F T1OUT
0.1F
T1IN
+5V 400k 7 +5V 400k 6 +5V 400k 18 +5V 400k
+5V 400k 7 +5V 400k +5V 400k
T2 3 T3 T2OUT
T2 3 T3
6
T2IN
18
1
T3IN T4IN R1OUT
1
T3OUT T4OUT T5OUT R1IN
T4 24 4
+5V 400k 19 +5V 400k 21 5
T4 24 T5 20 4 R1 5k 23 R2IN R2 5k 16 R3IN R3 GND 8 5k
19 5
22 R2OUT
22 R2OUT
17 R3OUT 20 EN
17 R3OUT
3-4
HIN202A thru HIN241A Pinouts
(Continued) HIN208A (PDIP, SOIC, SSOP) TOP VIEW
T2OUT 1 T1OUT 2 R2IN 3 R2OUT 4 T1IN 5 R1OUT 6 R1IN 7 GND 8 VCC 9 C1+ 10 V+ 11 C1- 12 24 T3OUT 23 R3IN 22 R3OUT 21 T4IN 20 T4OUT 19 T3IN 18 T2IN 17 R4OUT 16 R4IN 15 V14 C213 C2+
HIN211A (SOIC, SSOP) TOP VIEW
T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14 28 T4OUT 27 R3IN 26 R3OUT 25 SD 24 EN 23 R4IN 22 R4OUT 21 T4IN 20 T3IN 19 R5OUT 18 R5IN 17 V16 C215 C2+
+5V +5V 9 0.1F 10 C1+ + 12 C113 C2+ + 14 C25 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F 0.1F 12 C1+ + 14 C115 C2+ + 16 C211 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 13 + 0.1F
0.1F V- 15 + 2 0.1F T1OUT T1IN
0.1F
V- 17 + 2 0.1F T1OUT
T1IN
+5V 400k +5V 400k +5V 400k +5V 400k
+5V 400k 7 +5V 400k +5V 400k +5V 400k
T2 1 T3 T2OUT
T2 3 T3 T2OUT
T2IN
18
T2IN
6
T3IN T4IN R1OUT
19
24
T3OUT T4OUT R1IN
T3IN
20
1
T3OUT
T4 20 7 R1 5k 3 R2IN R2 5k 23 R3IN R3 5k 16 R4IN R4 GND 8 24 EN 5k R4OUT R3OUT R2OUT R1OUT 8 T4IN 21
21 6
T4
28 9
T4OUT R1IN
R1 5 R2 26 R3 22 R4 19 R5OUT R5 GND 10
5k 4 R2IN 5k 27 R3IN 5k 23 R4IN 5k 18 R5IN 5k 25 SD
4 R2OUT
22 R3OUT
17 R4OUT
3-5
HIN202A thru HIN241A Pinouts
(Continued) HIN213A (SOIC, SSOP) TOP VIEW
T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14 28 T4OUT 27 R3IN 26 R3OUT 25 SD 24 EN 23 R4IN 22 R4OUT 21 T4IN 20 T3IN 19 R5OUT 18 R5IN 17 V16 C215 C2+
HIN232A (PDIP, SOIC) TOP VIEW
C1+ 1 V+ 2 C1- 3 C2+ 4 C2- 5 V6 16 VCC 15 GND 14 T1OUT 13 R1IN 12 R1OUT 11 T1IN 10 T2IN 9 R2OUT
T2OUT 7 R2IN 8
NOTE: R4 and R5 active in shutdown.
+5V 11 0.1F 12 C1+ + 14 C115 C2+ + 16 C27 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 13 + +5V 0.1F 16
0.1F
V- 17 + 2 0.1F T1OUT 0.1F 3 T2OUT T1IN + 0.1F +
1 3 4 5
VCC C1+ C1C2+ C2+5V TO 10V VOLTAGE INVERTER V+ 2 + 0.1F
T1IN
+5V 400k
T2IN
+5V 400k 6 +5V 400k 20 +5V 400k
T2
+10V TO -10V VOLTAGE INVERTER
V- 6 + 0.1F
T3
T3IN
1
11
+5V 400k
T1
14
T3OUT
T1OUT
T4IN R1OUT
21 8
T4
28 9
T4OUT R1IN
T2IN
10 12
+5V 400k
T2 7 13 R1IN R1 5k T2OUT
R1OUT
R1 5 R2OUT R2 26 R3OUT R3 22 R4OUT R4 19 R5OUT 24 EN GND 10 R5
5k 4 R2IN 5k 27 R3IN 5k 23 R4IN 5k 18 R5IN 5k 25 SD R2OUT 9
8 R2 GND 15 5k
R2IN
3-6
HIN202A thru HIN241A Pinouts
(Continued) HIN235A (PDIP) TOP VIEW
T4OUT 1 T3OUT 2 T1OUT 3 T2OUT 4 R2IN 5 R2OUT 6 T2IN 7 T1IN 8 R1OUT 9 R1IN 10 GND 11 VCC 12 24 R3IN 23 R3OUT 22 T5IN 21 SD 20 EN 19 T5OUT 18 R4IN 17 R4OUT 16 T4IN 15 T3IN 14 R5OUT 13 R5IN
HIN236A (PDIP, SOIC, SSOP) TOP VIEW
T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC 1 2 3 4 5 6 7 8 9 24 T4OUT 23 R2IN 22 R2OUT 21 SD 20 EN 19 T4IN 18 T3IN 17 R3OUT 16 R3IN 15 V14 C213 C2+
C1+ 10 V+ 11 C1- 12
+5V 12 VCC +5V T1IN 8 400k +5V 400k +5V 400k +5V 400k +5V 400k T1 3 + 0.1F 0.1F T1OUT 0.1F T2OUT T3OUT T4OUT T5OUT R1IN T4IN 5 R2 23 R3OUT R3 17 R4OUT R4 14 R5OUT 20 EN GND 11 R5 5k 21 SD 5k 13 R5IN 5k 18 5k 24 R3IN R2OUT R2IN R1OUT 19 5 10 C1+ + 12 C113 C2+ + 14 C2-
+5V 9 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F
T2IN T3IN T4IN T5IN R1OUT
7
T2 4 T3 T4 1 T5 19 10 R1 5k
V- 15 + 2 0.1F T1OUT
15 16
2
T1IN
+5V 400k 7 +5V 400k +5V 400k +5V 400k
T2 3 T3 T2OUT
T2IN
6
22 9
T3IN
18
1
T3OUT T4OUT R1IN
T4 24 4 R1 5k 23 R2IN R2 5k 16 R3IN R3 5k 21 SD GND 8
R2OUT
6
22
R4IN
17 R3OUT 20 EN
3-7
HIN202A thru HIN241A Pinouts
(Continued) HIN237A (PDIP, SOIC, SSOP) TOP VIEW
T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C1+ V+ C11 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 T4OUT R2IN R2OUT T5IN T5OUT T4IN T3IN R3OUT R3IN VC2C2+
HIN238A (PDIP, SOIC, SSOP) TOP VIEW
T2OUT 1 T1OUT 2 R2IN 3 R2OUT 4 T1IN 5 R1OUT 6 R1IN 7 GND 8 VCC 9 C1+ 10 V+ 11 C1- 12 24 T3OUT 23 R3IN 22 R3OUT 21 T4IN 20 T4OUT 19 T3IN 18 T2IN 17 R4OUT 16 R4IN 15 V14 C213 C2+
+5V 9 0.1F 10 C1+ + 12 C113 C2+ + 14 C2VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F 0.1F 10 C1+ + 12 C113 C2+ + 14 C2-
+5V 9 VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 11 + 0.1F
0.1F
V- 15 + 2 0.1F T1OUT
0.1F
V- 15 + 2 0.1F T1OUT
T1IN
+5V 400k 7 +5V 400k +5V 400k +5V 400k +5V 400k
T1IN
+5V 400k 5 +5V 400k +5V 400k +5V 400k
T2 3 T3 T2OUT T2IN 18
T2 1 T3 T2OUT
T2IN
6
T3IN T4IN T5IN R1OUT
18
1
T3OUT T4OUT T5OUT R1IN
T3IN T4IN R1OUT
19
24
T3OUT T4OUT R1IN
T4 24 T5 20 4 4 R2OUT 21 6
T4 20 7 R1 5k 3 R2IN R2 5k 23 R3IN R3 5k 16 R4IN R4 GND 8 5k
19
21 5
R1 22 R2OUT R2 17 R3OUT R3 GND 8
5k 23 R2IN 5k 16 R3IN 5k
22 R3OUT
17 R4OUT
3-8
HIN202A thru HIN241A Pinouts
(Continued) HIN241A (SOIC, SSOP) TOP VIEW
T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14 28 T4OUT 27 R3IN 26 R3OUT 25 SD 24 EN 23 R4IN 22 R4OUT 21 T4IN 20 T3IN 19 R5OUT 18 R5IN 17 V16 C215 C2+
+5V 11 0.1F 12 C1+ + 14 C115 C2+ + 16 C2VCC +5V TO 10V VOLTAGE DOUBLER +10V TO -10V VOLTAGE INVERTER T1 V+ 13 + 0.1F
0.1F
V- 17 + 2 0.1F T1OUT
T1IN
+5V 400k 7 +5V 400k +5V 400k +5V 400k
T2 3 T3 T2OUT
T2IN
6
T3IN
20
1
T3OUT
T4IN R1OUT
21 8
T4
28 9
T4OUT R1IN
R1 5 R2OUT R2 26 R3OUT R3 22 R4OUT R4 19 R5OUT 24 EN GND 10 R5
5k 4 R2IN 5k 27 R3IN 5k 23 R4IN 5k 18 R5IN 5k 25 SD
3-9
HIN202A thru HIN241A Pin Descriptions
PIN VCC V+ VGND C1+ C1C2+ C2TIN TOUT RIN ROUT EN SD, SD NC Power Supply Input 5V 10%, (5V 5% HIN207A). Internally generated positive supply (+10V nominal). Internally generated negative supply (-10V nominal). Ground Lead. Connect to 0V. External capacitor (+ terminal) is connected to this lead. External capacitor (- terminal) is connected to this lead. External capacitor (+ terminal) is connected to this lead. External capacitor (- terminal) is connected to this lead. Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k pull-up resistor to VCC is connected to each lead. Transmitter Outputs. These are RS-232 levels (nominally 10V). Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k pull-down resistor to GND is connected to each input. Receiver Outputs. These are TTL/CMOS levels. Enable Input. This is an active low input which enables the receiver outputs. With EN = 5V, the outputs are placed in a high impedance state. Shutdown Input. With SD = 5V (HIN213A SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance state (except R4 and R5 of HIN241A) and the transmitters are shut off. No Connect. No connections are made to these leads. FUNCTION
3-10
HIN202A thru HIN241A
Absolute Maximum Ratings
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) 16 Ld SOIC (N) Package . . . . . . . . . . . . . . . . . . . . . 110 16 Ld SOIC (W) Package. . . . . . . . . . . . . . . . . . . . . 100 16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 155 16 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . 90 24 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . 75 24 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 135 24 Ld PDIP (N) Package . . . . . . . . . . . . . . . . . . . . . 70 24 Ld PDIP (W) Package . . . . . . . . . . . . . . . . . . . . . 55 28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . 70 28 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 100 Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SOIC and SSOP - Lead Tips Only)
Operating Conditions
Temperature Range HIN2XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER SUPPLY CURRENTS Power Supply Current, ICC
Test Conditions: VCC = +5V 10%, (VCC = +5V 5% HIN207A); C1-C4 = 0.1F; TA = Operating Temperature Range TEST CONDITIONS MIN TYP MAX UNITS
No Load, TA = 25oC
HIN202A HIN205A-HIN208A, HIN211A, HIN213A, HIN234A-HIN238A, HIN241A HIN232A
-
8 11
15 20
mA mA
-
5 1
10 10
mA A
Shutdown Supply Current, ICC(SD)
TA = 25oC
HIN205A, HIN206A, HIN211A, HIN235A, HIN236A, HIN241A HIN213A
-
15
50
A
LOGIC AND TRANSMITTER INPUTS, RECEIVER OUTPUTS Input Logic Low, VlL Input Logic High, VlH TIN , EN, SD, EN, SD TIN EN, SD, EN, SD Transmitter Input Pullup Current, IP TTL/CMOS Receiver Output Voltage Low, VOL TTL/CMOS Receiver Output Voltage High, VOH TTL/CMOS Receiver Output Leakage RECEIVER INPUTS RS-232 Input Voltage Range, VIN Receiver Input Impedance, RIN TA = 25oC, VIN = 3V -30 3.0 5.0 +30 7.0 V k TIN = 0V IOUT = 1.6mA (HIN202A, HIN232A, IOUT = 3.2mA) IOUT = -1mA EN = VCC , EN = 0, 0V < ROUT < VCC 2.0 2.4 3.5 15 0.1 4.6 0.5 0.8 200 0.4 10 V V V A V V A
3-11
HIN202A thru HIN241A
Electrical Specifications
PARAMETER Receiver Input Low Threshold, VIN (H-L) VCC = 5V, TA = 25oC Test Conditions: VCC = +5V 10%, (VCC = +5V 5% HIN207A); C1-C4 = 0.1F; TA = Operating Temperature Range (Continued) TEST CONDITIONS Active Mode Shutdown Mode HIN213A R4 and R5 Active Mode Shutdown Mode HIN213A R4 and R5 MIN 0.2 TYP 1.2 1.5 1.7 1.5 0.5 MAX 2.4 2.4 1.0 UNITS V V V V V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V, TA = 25oC
Receiver Input Hysteresis, VHYST TIMING CHARACTERISTICS Output Enable Time, tEN Output Disable Time, tDIS Transmitter, Receiver Propagation Delay, tPD
VCC = 5V No Hysteresis in Shutdown Mode
HIN205A, HIN206A, HIN211A, HIN213A, HIN235A, HIN236A, HIN241A HIN205A, HIN206A, HIN211A, HIN213A, HIN235A, HIN236A, HIN241A HIN213A SD = 0V, R4, R5 HIN213A SD = VCC , R1 - R5 All except HIN213A
3
600 200 4.0 0.5 0.5 20
40 10 10 45
ns ns s s s V/s
Transition Region Slew Rate, SRT
RL = 3k, CL = 1000pF Measured from +3V to -3V or -3V to +3V (Note 2) 1 Transmitter Switching
TRANSMITTER OUTPUTS Output Voltage Swing, TOUT Output Resistance, ROUT RS-232 Output Short Circuit Current, ISC ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model IEC1000-4-2 Contact Discharge IEC1000-4-2 Air Gap (Note 3) All Other Pins NOTES: 2. Guaranteed by design. 3. Meets level 4 with exception of HIN205A T5OUT = 12kV. Human Body Model 15 8 15 2 kV kV kV kV Transmitter Outputs, 3k to Ground VCC = V+ = V- = 0V, VOUT = 2V TOUT Shorted to GND 5 300 9 10 10 V mA
3-12
HIN202A thru HIN241A Test Circuits (HIN232A)
+4.5V TO +5.5V INPUT 0.1F C3 0.1F C1 + 1 C1+ 2 V+ 3 C11 C1+ VCC 16 GND 15 T1OUT 14 R1IN 13 R1OUT 12 T1IN 11 T2IN 10 R2OUT 9 3k T1 OUTPUT RS-232 30V INPUT TTL/CMOS OUTPUT TTL/CMOS INPUT TTL/CMOS INPUT TTL/CMOS OUTPUT ROUT = VIN /I T2OUT T1OUT VIN = 2V A 4 C2+ 5 C26 V7 T2OUT 8 R2IN 2 V+ 3 C10.1F + C2 0.1F C4 3k T2 OUTPUT RS-232 30V INPUT 4 C2+ 5 C2VCC 16 GND 15 T1OUT 14 R1IN 13 R1OUT 12 T1IN 11 T2IN 10 R2OUT 9
+
-
FIGURE 1. GENERAL TEST CIRCUIT
VCC + GND S3 RC OSCILLATOR C1C1 + S4 C3 VCC GND S7 C2S8 + C2 + C4
Detailed Description
The HIN2XXA family of high-speed RS-232 transmitters/receivers are powered by a single +5V power supply, feature low power consumption, and meet all ElA RS232C and V.28 specifications. The circuit is divided into three sections: the charge pump, transmitter, and receiver. voltage doubler section (V+) is approximately 200, and the output impedance of the voltage inverter section (V-) is approximately 450. A typical application uses 0.1F capacitors for C1-C4, however, the value is not critical. Increasing the values of C1 and C2 will lower the output impedance of the voltage doubler and inverter, increasing the values of the reservoir capacitors, C3 and C4, lowers the ripple on the V+ and V- supplies. During shutdown mode (HIN205A, HIN206A, HIN211A, HIN213A, HIN235A, HIN236A and HIN241A, the charge pump is turned off, V+ is pulled down to VCC , V- is pulled up to GND, and the supply current is reduced to less than 10A. The transmitter outputs are disabled and the receiver outputs (except for HIN213A, R4 and R5) are placed in the high impedance state.
Charge Pump
An equivalent circuit of the charge pump is illustrated in Figure 3. The charge pump contains two sections: The voltage doubler and the voltage inverter. Each section is driven by a two phase, internally generated clock to generate +10V and -10V. The nominal clock frequency is 125kHz. During phase one of the clock, capacitor C1 is charged to VCC . During phase two, the voltage on C1 is added to VCC , producing a signal across C3 equal to twice VCC . During phase two, C2 is also charged to 2VCC , and then during phase one, it is inverted with respect to ground to produce a signal across C4 equal to -2VCC . The charge pump accepts input voltages up to 5.5V. The output impedance of the 3-13
-
+
6 V7 T2OUT 8 R2IN
FIGURE 2. POWER-OFF SOURCE RESISTANCE CONFIGURATION
VOLTAGE DOUBLER S1 C1+ S2 V+ = 2VCC S5
VOLTAGE INVERTER C2+ S6 GND
V- = - (V+)
FIGURE 3. CHARGE PUMP
HIN202A thru HIN241A
Transmitters
The transmitters are TTL/CMOS compatible inverters which translate the inputs to RS-232 outputs. The input logic threshold is about 26% of VCC , or 1.3V for VCC = 5V. A logic 1 at the input results in a voltage of between -5V and V- at the output, and a logic 0 results in a voltage between +5V and (V+ -0.6V). Each transmitter input has an internal 400k pullup resistor so any unused input can be left unconnected and its output remains in its low state. The output voltage swing meets the RS-232C specifications of 5V minimum with the worst case conditions of: all transmitters driving 3k minimum load impedance, VCC = 4.5V, and maximum allowable operating temperature. The transmitters have an internally limited output slew rate which is less than 30V/s. The outputs are short circuit protected and can be shorted to ground indefinitely. The powered down output impedance is a minimum of 300 with 2V applied to the outputs and VCC = 0V.
TIN OR RIN TOUT OR ROUT VOL VOL tPHL tPLH
AVERAGE PROPAGATION DELAY =
tPHL + tPLH 2
FIGURE 6. PROPAGATION DELAY DEFINITION
HIN241A Operation in Shutdown
The HIN213A features two receivers, R4 and R5, which remain active in shutdown mode. During normal operation the receivers propagation delay is typically 0.5s. This propagation delay may increase slightly during shutdown. When entering shut down mode, receivers R4 and R5 are not valid for 80s after SD = VIL. When exiting shutdown mode, all receiver outputs will be invalid until the charge pump circuitry reaches normal operating voltage. This is typically less than 2ms when using 0.1F capacitors.
Receivers
The receiver inputs accept up to 30V while presenting the required 3k to 7k input impedance even if the power is off (VCC = 0V). The receivers have a typical input threshold of 1.3V which is within the 3V limits, known as the transition region, of the RS-232 specifications. The receiver output is 0V to VCC . The output will be low whenever the input is greater than 2.4V and high whenever the input is floating or driven between +0.8V and -30V. The receivers feature 0.5V hysteresis (except during shutdown) to improve noise rejection. The receiver Enable line EN, (EN on HIN213A) when unasserted, disables the receiver outputs, placing them in the high impedance mode. The receiver outputs are also placed in the high impedance state when in shutdown mode (except HIN213A R4 and R5).
Application Information
The HIN2XXA may be used for all RS-232 data terminal and communication links. It is particularly useful in applications where 12V power supplies are not available for conventional RS-232 interface circuits. The applications presented represent typical interface configurations. A simple duplex RS-232 port with CTS/RTS handshaking is illustrated in Figure 7. Fixed output signals such as DTR (data terminal ready) and DSRS (data signaling rate select) is generated by driving them through a 5k resistor connected to V+. In applications requiring four RS-232 inputs and outputs (Figure 8), note that each circuit requires two charge pump capacitors (C1 and C2) but can share common reservoir capacitors (C3 and C4). The benefit of sharing common reservoir capacitors is the elimination of two capacitors and the reduction of the charge pump source impedance which effectively increases the output swing of the transmitters.
V+ VCC 400k TXIN GND < TXIN < VCC V300 TOUT V- < VTOUT < V+
FIGURE 4. TRANSMITTER
VCC RXIN -30V < RXIN < +30V GND 5k ROUT GND < VROUT < VCC
FIGURE 5. RECEIVER
3-14
HIN202A thru HIN241A
+5V
+ 1 16 CTR (20) DATA TERMINAL READY DSRS (24) DATA SIGNALING RATE SELECT RS-232 INPUTS AND OUTPUTS TD (2) TRANSMIT DATA RTS (4) REQUEST TO SEND RD (3) RECEIVE DATA CTS (5) CLEAR TO SEND SIGNAL GROUND (7)
C1 + 0.1F C2 + 0.1F TD INPUTS OUTPUTS TTL/CMOS RTS RD CTS
3 HIN232A 4 5 11 10 12 9 R2 R1 T1 T2 14 7 13 8 6 +
15
FIGURE 7. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS HANDSHAKING
1 C1 + 0.1F TD INPUTS OUTPUTS TTL/CMOS RTS RD CTS 9 R2 R1 3 11 10 12 HIN232A T1 T2
4 5 14 7 13 8 15 16 VCC + C3 +5V RS-232 INPUTS AND OUTPUTS + C2 - 0.1F TD (2) TRANSMIT DATA RTS (4) REQUEST TO SEND RD (3) RECEIVE DATA CTS (5) CLEAR TO SEND
+
C4
6 6 V- V+
2
0.2F
2 16
0.2F VCC
HIN232A 1 C1 + 0.1F DTR INPUTS OUTPUTS TTL/CMOS DSRS DCD R1 9 R2 R1 8 3 11 10 12 T1 T2 4 5 14 7 13 + C2 - 0.1F DTR (20) DATA TERMINAL READY DSRS (24) DATA SIGNALING RATE SELECT DCD (8) DATA CARRIER DETECT R1 (22) RING INDICATOR SIGNAL GROUND (7)
15
FIGURE 8. COMBINING TWO HIN232As FOR 4 PAIRS OF RS-232 INPUTS AND OUTPUTS
3-15
HIN202A thru HIN241A Typical Performance Curves
12 SUPPLY VOLTAGE (|V|) 0.1F 10 8 6 4 2 0 3.0 10 8 6 4 2 0 V- (VCC = 4V) TA = 25oC TRANSMITTER OUTPUTS OPEN CIRCUIT 0 5 10 15 20 25 V+ (VCC = 5V)
12 V- SUPPLY VOLTAGE (V)
V+ (VCC = 4V)
V- (VCC = 5V) 30 35
3.5
4.0
4.5 VCC
5.0
5.5
6.0
|ILOAD| (mA)
FIGURE 9.
V- SUPPLY VOLTAGE vs VCC
FIGURE 10. V+, V- OUTPUT VOLTAGE vs LOAD
Die Characteristics
DIE DIMENSIONS: 160 mils x 140 mils METALLIZATION: Type: Al Thickness: 10kA 1kA SUBSTRATE POTENTIAL V+ PASSIVATION: Type: Nitride over Silox Nitride Thickness: 8kA Silox Thickness: 7kA TRANSISTOR COUNT: 238 PROCESS: CMOS Metal Gate
Metallization Mask Layout
HIN241A
SHD EN R4IN R4OUT IN IN R5OUT T4 T3 R5IN
R3OUT V-
C2R3IN T4OUT T3OUT C1T1OUT T2OUT V+ C1+ C2+
R2IN R2OUT IN T1INR1OUT T2 R1IN GND
VCC
3-16
HIN202A thru HIN241A
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
3-17


▲Up To Search▲   

 
Price & Availability of HIN208A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X